Part Number Hot Search : 
2N2237 0033EKX1 FMM5701X 00306 1902X352 5KE300CA 1771I 100K1
Product Description
Full Text Search
 

To Download PB114012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Miniature Power PCB Relay PB
I I I I I I
1pole 10 A, 1 CO or 1 NO contact Environmentally-friendly cadmium-free contacts Class F coil system standard Compact and simple design gives high process security Product in accordance to IEC60335-1 RoHS compliant (Directive 2002/95/EC) as per product date code 0346
Applications
F0224-A
White goods, small home appliances, heating temperature controllers Approvals
V REG.-Nr.of121560, Z request E214025 Technical data approved types on
Contact data
Contact configuration Contact set Type of interruption Rated current Rated voltage / max.switching voltage AC Maximum breaking capacity AC Limiting making capacity, max 4 s, duty factor 10% Contact material Mechanical endurance Rated frequency of operation with / without load 1 CO or 1 NO contact single contact micro-disconnection 10 A 250/400 VAC 2500 VA 15 A AgNi 90/10, AgSnO2 5x106 cycles 6/600 min-1 Cycles 30x103 30x103 1x103 20x103 100x103 100x103
Contact ratings Type Load PB114 10 A/3 A, 250 VAC, 85C, resistive, 50Hz, EN61810-1 PB114 (NO tested), 10 A, 250 VAC, 85C, resistive, 50Hz, EN61810-1 PB114 10 A/10 A, 250 VAC, 85C, resistive, 50Hz, EN61810-1 PB133, PB134 10 A, 250 VAC, 85C, resistive, 50Hz, EN61810-1 PB134 6.5 A, 250 VAC, 85C, resistive, 50Hz, EN61810-1 PB634 10 A, 250 VAC, 85C, resistive, 50Hz, EN61810-1
Coil data
PB1..
PB5.., PB6..
Rated coil voltage range DC coil 5...48 VDC 5...24 VDC Coil power DC coil typ. 360 mW typ. 500 mW Operative range 2 Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW Coil versions, DC-coil, 360mW 005 5 3.75 0.5 70+10% 357 006 6 4.5 0.6 100+10% 360 009 9 6.75 0.9 225+10% 360 012 12 9.0 1.2 400+10% 360 018 18 13.5 1.8 900+10% 360 022 22 16.5 2.2 1344+10% 360 024 24 18.0 2.4 1600+10% 360 048 48 36 4.8 6400+10% 360 Coil versions, DC-coil, 500mW 005 5 3. 75 0.5 48+10% 521 006 6 4.5 0.6 69+10% 522 012 12 9 1.2 274+10% 526 024 24 18 2.4 1097+10% 525 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Miniature Power PCB Relay PB (Continued)
Insulation
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit CO version NO version Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 2500 Vrms 1000 Vrms W 3/4 mm W 4/5 mm IIIa CTI 250 basic functional 250 V 3 230/400 V III
PCB layout 1) / terminal assignment
Bottom view on solder pins
S0407-AA
S0407-AB
Other data
PB1.., PB6..
PB5..
RoHS - Directive 2002/95/EC compliant as per product date code 0346 Flammability class according to UL94 V-0 For version PB1, PB5: GWFI to IEC 60695-2-12 W 850C GWIT to IEC 60695-2-13 W 775C Ambient temperature range -40...85C Operate- / release time < 20 ms Bounce time NO / NC contact < 15 ms Vibration resistance (function) NO / NC contact >10/4g >10/8g 30...400Hz 30...400Hz Shock resistance (destruction) 100 g Category of protection RTII - flux proof Mounting pcb Resistance to soldering heat 270C / 10s Relay weight 5.4 g Packaging unit 35/1050 pcs
S0407-AC
1) Layout note: No openings (e.g. holes, slots, cutouts, unused pins, open through connexions, etc.) allowed under the relay base. The relay base must be fully covered by the pcb, recommended minimum distance between the relay and the edge of the printed circuit board is 5 mm. For more information, please contact our application support.
Dimensions
S0406-A
2
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Miniature Power PCB Relay PB (Continued)
Product key Type Version 1 standard version 6 5 500 mW version Contact configuration 1 1 CO contact 3 Contact material 4 3 AgSnO2 Coil Coil code: please refer to coil versions table Other types on request
PB
high performance version (NO version only)
1 NO contact AgNi 90/10
Product key PB114005 PB114006 PB114012 PB114024 PB134005 PB134006 PB134012 PB134024 PB514012 PB514024 PB634005 PB634006 PB634012 PB634024
Version standard class F
Contacts 1 CO contact
Contact material AgNi 90/10
1 NO contact
500 mW version high performance version
1 CO contact 1 NO contact
Coil 5 VDC 6 VDC 12 VDC 24 VDC 5 VDC 6 VDC 12 VDC 24 VDC 12 VDC 24 VDC 5 VDC 6 VDC 12 VDC 24 VDC
Part number 6-1415029-1 7-1415029-1 8-1415029-1 9-1415029-1 0-1415030-1 1-1415030-1 2-1415030-1 3-1415030-1 2-1415538-5 5-1415535-6 3-1415541-8 3-1415541-9 4-1415541-1 4-1415541-2
3
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of PB114012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X